Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 9Page - Analog Devices ADP1876 Datasheet HTML 10Page - Analog Devices ADP1876 Datasheet HTML 11Page - Analog Devices ADP1876 Datasheet HTML 12Page - Analog Devices ADP1876 Datasheet HTML 13Page - Analog Devices ADP1876 Datasheet HTML 14Page - Analog Devices ADP1876 Datasheet HTML 15Page - Analog Devices ADP1876 Datasheet HTML 16Page - Analog Devices ADP1876 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 13 of 24
Figure 22. VOUTLDO Noise Spectral Density
Figure 23. VOUTLDO Step Load Transient
0
5
10
15
20
25
30
35
10µ
100µ
1m
10m
100m
1
VOUTLDO LOAD (A)
CH1
100mA Ω BW
M10.0µs A CH1
118mA
2
1
CH2 50.0mV
B
W
STEP LOAD
1mA TO 200mA
CINLDO = 1µF; COUTLDO = 4.7µF
OUTPUT TRANSIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com