Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 16Page - Analog Devices ADP1876 Datasheet HTML 17Page - Analog Devices ADP1876 Datasheet HTML 18Page - Analog Devices ADP1876 Datasheet HTML 19Page - Analog Devices ADP1876 Datasheet HTML 20Page - Analog Devices ADP1876 Datasheet HTML 21Page - Analog Devices ADP1876 Datasheet HTML 22Page - Analog Devices ADP1876 Datasheet HTML 23Page - Analog Devices ADP1876 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 21 of 24
GATE
SINK
ON
SP
FALL
DRIVER
R
R
V
I
+
≅
_
_
where:
VDD is the input supply voltage to the driver and is between 2.75 V
and 5 V, depending on the input voltage.
VSP is the switching point where the MOSFET fully conducts;
this voltage can be estimated by inspecting the gate charge
graph given in the MOSFET data sheet.
RON_SOURCE is the on resistance of theADP1876 internal driver
(listed in Table 1), when charging the MOSFET.
RON_SINK is the on resistance of the ADP1876 internal driver
(listed in Table 1), when discharging the MOSFET.
RGATE is the on gate resistance of MOSFET listed in the MOSFET
data sheet. If an external gate resistor is added, add this external
resistance to RGATE.
The total power dissipation of the high-side MOSFET is the
sum of conduction and transition losses:
T
C
HS
P
P
P
+
≅
The synchronous rectifier, or low-side MOSFET, carries the
inductor current when the high-side MOSFET is off. The low-
side MOSFET transition loss is small and can be neglected in
the calculation. For high input voltage and low output voltage,
the low-side MOSFET carries the current most of the time.
Therefore, to achieve high efficiency, it is critical to optimize
the low-side MOSFET for low on resistance. In cases where the
power loss exceeds the MOSFET rating or lower resistance is
required than is available in a single MOSFET, connect multiple
low-side MOSFETs in parallel. The equation for low-side
MOSFET conduction power loss is
−
×
≅
IN
OUT
DSON
LOAD
CLS
V
V
R
I
P
1
)
(
2
There is an additional power loss during the time known as
dead time between the turn off of the high-side switch and the
turn on of the low-side switch when the body diode of the low-
side MOSFET conducts the output current.
The power loss in the body diode is given by
PBODYDIODE = VF × tD × fSW × IO
where:
VF is the forward voltage drop of the body diode, typically 0.7 V.
tD is the dead time in the ADP1876, typically 30 ns when driving
some medium-size MOSFETs with input capacitance, Ciss, of
approximately 3 nF. The dead time is not fixed. Its effective
value varies with gate drive resistance and Ciss thereby increasing
PBODYDIODE in high load current designs and low voltage designs.
Therefore, the power loss in the low-side MOSFET becomes
PLS = PCLS + PBODYDIODE
Note that MOSFET RDSON increases as temperature increases
with a typical temperature coefficient of 0.4%/oC. The MOSFET
junction temperature rise over the ambient temperature is
TJ = TA + θJA × PD
where:
θJA is the thermal resistance of the MOSFET package.
TA is the ambient temperature.
PD is the total power dissipated in the MOSFET.
LOOP COMPENSATION
As with most current mode step-down controllers, a trans-
conductance error amplifier is used to stabilize the external
voltage loop. Compensating the ADP1876 is fairly easy; an RC
compensator is needed between COMP and AGND. Figure 31
shows the configuration of the compensation components:
RCOMP, CCOMP, and CC2. Because CC2 is very small compared to
CCOMP, to simplify calculation, CC2 is ignored for the stability
compensation analysis.
Figure 31. Compensation Components
The open-loop gain transfer function at angular frequency, s, is
given by
)
(
)
(
)
(
s
Z
s
Z
V
V
G
g
s
H
FILTER
COMP
OUT
REF
CS
m
×
×
×
×
=
(1)
where:
gm is the transconductance of the error amplifer, 500 µS
GCS is the tranconductance of the current sense amplifier.
ZCOMP is the impedance of the compensation network.
ZFILTER is the impedance of the output filter.
VREF = 0.6 V
GCS with units of A/V is given by
MIN
DSON
CS
CS
R
A
G
_
1
×
=
(2)
where:
ACS is the current sense gain of either 3 V/V, 6 V/V, 12 V/V, or
24 V/V set by the gain resistor between DLx and PGNDx.
RDSON_MIN is the the low-side MOSFET minimum on resistance.
If a sense resistor, RS, is added in series with the low-side FET,
then GCS becomes
)
(
1
_
S
MIN
DSON
CS
CS
R
R
A
G
+
×
=
ADP1876
FBx
CCOMP
gm
0.6V
COMPx
AGND
RCOMP
CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com