Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1878ACPZ-0.3-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP1878ACPZ-0.3-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878ACPZ-0.3-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP1878ACPZ-0.3-R7 Datasheet HTML 28Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 29Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 30Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 31Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 32Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 32 of 40
Table 11. Recommended Inductors
L (μH)
DCR (mΩ)
ISAT (A)
Dimension (mm)
Manufacturer
Model Number
0.12
0.33
55
10.2 × 7
Würth Elektronik
744303012
0.22
0.33
30
10.2 × 7
Würth Elektronik
744303022
0.47
0.8
50
14.2 × 12.8
Würth Elektronik
744355147
0.72
1.65
35
10.5 × 10.2
Würth Elektronik
744325072
0.9
1.6
32
14 × 12.8
Würth Elektronik
744318120
1.2
1.8
25
10.5 × 10.2
Würth Elektronik
744325120
1.0
3.8
16
10.2 × 10.2
Würth Elektronik
7443552100
1.4
3.2
24
14 × 12.8
Würth Elektronik
744318180
2.0
2.6
23
10.2 × 10.2
Würth Elektronik
7443551200
0.8
27.5
Sumida
CEP125U-0R8
Table 12. Recommended MOSFETs
VGS = 4.5 V
RON (mΩ)
ID (A)
VDS (V)
CIN (nF)
QTOTAL (nC)
Package
Manufacturer
Model Number
High-Side MOSFET
(Q1/Q2)
5.4
47
30
3.2
20
PG-TDSON8
Infineon
BSC042N03MS G
10.2
53
30
1.6
10
PG-TDSON8
Infineon
BSC080N03MS G
6.0
19
30
35
SO-8
Vishay
Si4842DY
9
14
30
2.4
25
SO-8
International Rectifier
IRF7811
Low-Side MOSFET
(Q3/Q4)
5.4
47
30
3.2
20
PG-TDSON8
Infineon
BSC042N03MS G
10.2
82
30
1.6
10
PG-TDSON8
Infineon
BSC080N03MS G
6.0
19
30
35
SO-8
Vishay
Si4842DY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com