Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1878ACPZ-0.3-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1878ACPZ-0.3-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878ACPZ-0.3-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1878ACPZ-0.3-R7 Datasheet HTML 32Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 39Page - Analog Devices ADP1878ACPZ-0.3-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADP1878/ADP1879
Rev. A | Page 37 of 40
TYPICAL APPLICATION CIRCUITS
12 A, 300 kHz HIGH CURRENT APPLICATION CIRCUIT
Figure 93. Application Circuit for 12 V Input, 1.8 V Output, 12 A, 300 kHz (Q2/Q4 No Connect)
5.5 V INPUT, 600 kHz CURRENT APPLICATION CIRCUIT
Figure 94. Application Circuit for 5.5 V Input, 2.5 V Output, 12 A, 600 kHz (Q2/Q4 No Connect)
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15L
PANASONIC: (OUTPUT CAPACITORS)
270µF (SP-SERIES), 4V, 7mΩ, EEFUE0G271LR
INFINEON MOSFETs:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WÜRTH INDUCTORS:
1.2µH, 2mΩ, 20A, 744325120
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 12V
CBST
100nF
VOUT = 1.8V, 12A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C9
N/A
C23
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C27
N/A
C14 TO C19
N/A
+
C26
N/A
+
C25
N/A
+
C24
N/A
+
1.2µH
RSNB
2Ω
CSNB
1.5nF
RTOP 2kΩ
R7 10kΩ
RBOT
1kΩ
VOUT
1
VIN
14
BST
2
COMP
13
SW
3
EN
12
DRVH
5
GND
10
DRVL
ADP1878/
ADP1879
CC
560pF
CPAR
56pF
RC
49.3kΩ
C1
1µF
CVIN
22µF
C2
0.1µF
JP3
RRES
100kΩ
4
FB
11
PGND
6
RES
9
PGOOD
7
VREG
8
SS
5kΩ
VREG
CSS
34nF
VREG
MURATA: (INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15L
PANASONIC: (OUTPUT CAPACITORS)
180µF (SP-SERIES), 4V, 10mΩ, EEFUE0G181XR
INFINEON MOSFETs:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WÜRTH INDUCTORS:
0.47µH, 0.8mΩ, 30A, 744355147
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 5.5V
CBST
100nF
VOUT = 2.5V, 12A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C9
N/A
C23
N/A
+
C22
180µF
+
C21
180µF
+
C20
180µF
+
C27
N/A
C14 TO C19
N/A
+
C26
N/A
+
C25
N/A
+
C24
N/A
+
0.47µH
RSNB
2Ω
CSNB
1.5nF
RTOP 32kΩ
R7 10kΩ
RBOT
1kΩ
VOUT
1
VIN
14
BST
2
COMP
13
SW
3
EN
12
DRVH
5
GND
10
DRVL
ADP1878/
ADP1879
CC
220pF
CF
22pF
RC
56.9kΩ
C1
1µF
CVIN
22µF
C2
0.1µF
JP3
RRES
100kΩ
4
FB
11
PGND
6
RES
9
PGOOD
7
VREG
8
SS
5kΩ
VREG
CSS
34nF
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com