Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1878ACPZ-0.6-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1878ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878ACPZ-0.6-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1878ACPZ-0.6-R7 Datasheet HTML 29Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 30Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 31Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 32Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 33Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 34Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 35Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 36Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADP1878/ADP1879
Rev. A | Page 33 of 40
LAYOUT CONSIDERATIONS
The performance of a dc-to-dc converter depends highly on
how the voltage and current paths are configured on the printed
circuit board (PCB). Optimizing the placement of sensitive
analog and power components are essential to minimize output
ripple, maintain tight regulation specifications, and reduce
PWM jitter and electromagnetic interference.
Figure 86 shows the schematic of a typical ADP1878/ADP1879
used for a high current application. Blue traces denote high current
pathways. VIN, PGND, and VOUT traces should be wide and
possibly replicated, descending down into the multiple layers.
Vias should populate, mainly around the positive and negative
terminals of the input and output capacitors, alongside the source
of Q1/Q2, the drain of Q3/Q4, and the inductor.
Figure 86. ADP1878 High Current Evaluation Board Schematic (Blue Traces Indicate High Current Paths)
Figure 87. Overall Layout of the ADP1878/ADP1879 High Current Evaluation Board
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15L
PANASONIC: (OUTPUT CAPACITORS)
270µF, SP-SERIES, 4V, 7mΩ, EEFUE0G271LR
INFINEON FETs:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WÜRTH INDUCTORS:
1µH, 3.8mΩ, 16A, 7443552100
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 12V
CBST
100nF
VOUT = 1.8V, 15A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C9
N/A
C23
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C27
N/A
C14 TO C19
N/A
+
C26
N/A
+
C25
N/A
+
C24
N/A
+
1.0µH
RSNB
2Ω
CSNB
1.5nF
RTOP 2kΩ
R7 10kΩ
RBOT
1kΩ
VOUT
1
VIN
14
BST
2
COMP
13
SW
3
EN
12
DRVH
5
GND
10
DRVL
ADP1878/
ADP1879
CC
430pF
CPAR
53pF
RC
57kΩ
C1
1µF
CVIN
22µF
C2
0.1µF
JP3
RRES
100kΩ
4
FB
11
PGND
6
RES
9
PGOOD
7
VREG
8
SS
5kΩ
VREG
CSS
34nF
VREG
INPUT CAPACITORS
ARE MOUNTED CLOSE
TO DRAIN OF Q1/Q2
AND SOURCE OF Q3/Q4
SEPARATE ANALOG
GROUND PLANE FOR
COMPENSATION AND
FEEDBACK RESISTORS
SENSITIVE ANALOG
COMPONENTS
LOCATED FAR
FROM NOISY
POWER SECTION
OUTPUT
CAPACITORS
ARE MOUNTED
AT RIGHTMOST
AREA OF
EVALUATION
BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com