Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1878ACPZ-0.6-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1878ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1878ACPZ-0.6-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1878ACPZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 20Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 21Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 22Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 23Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 24Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 25Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 26Page - Analog Devices ADP1878ACPZ-0.6-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADP1878/ADP1879
Rev. A | Page 23 of 40
is sensed through the counter action upswing of the output
(COMP) of the error amplifier.
The result is a convergence of these two signals (see Figure 78),
which allows an instantaneous increase in switching frequency
during the positive load transient event. In summary, a positive
load step causes VOUT to transient down, which causes COMP to
transient up and, therefore, shortens the off time. This resulting
increase in frequency during a positive load transient helps to
quickly bring VOUT back up in value and within the regulation
window.
Similarly, a negative load step causes the off time to lengthen in
response to VOUT rising. This effectively increases the inductor
demagnetizing phase, helping to bring VOUT within regulation.
In this case, the switching frequency decreases, or experiences a
foldback, to help facilitate output voltage recovery.
Because the ADP1878/ADP1879 have the ability to respond rapidly
to sudden changes in load demand, the recovery period in which
the output voltage settles back to its original steady state operating
point is much quicker than it would be for a fixed frequency
equivalent. Therefore, using a pseudo fixed frequency results in
significantly better load transient performance compared to
using a fixed frequency.
Figure 78. Load Transient Response Operation
POWER-GOOD MONITORING
The ADP1878/ADP1879 power-good circuitry monitors the
output voltage via the FB pin. The PGOOD pin is an open-
drain output that can be pulled up by an external resistor to a
voltage rail that does not necessarily have to be VREG. When
the internal NMOS switch is in high impedance (off state), this
means that the PGOOD pin is logic high and the output voltage
via the FB pin is within the specified regulation window. When
the internal switch is turned on, PGOOD is internally pulled low
when the output voltage via the FB pin is outside this regulation
window.
The power-good window is defined with a typical upper speci-
fication of +90 mV and a lower specification of −70 mV below
the FB voltage of 600 mV. When an overvoltage event occurs at the
output, there is a typical propagation delay of 12 μs prior to the
deassertion (logic low) of the PGOOD pin. When the output
voltage reenters the regulation window, there is a propagation
delay of 12 μs prior to PGOOD reasserting back to a logic high
state. When the output is outside the regulation window, the
PGOOD open-drain switch is capable of sinking 1 mA of
current and providing 140 mV of drop across this switch. The
user is free to tie the external pull-up resistor (RRES) to any
voltage rail up to 20 V. The following equation provides the
proper external pull-up resistor value:
140mV
1mA
where:
RPGD is the PGOOD external resistor.
VEXT is a user chosen voltage rail.
Figure 79. Power Good, Output Voltage Monitoring Circuit
Figure 80. Power-Good Timing Diagram, tPGD = 12 μs (Diagram May Look
Disproportionate For Illustration Purposes)
VALLEY
TRIP POINTS
LOAD CURRENT
DEMAND
ERROR AMP
OUTPUT
PWM OUTPUT
fSW
>
fSW
CS AMP
OUTPUT
530mV
690mV
FB
600mV
PGOOD
1mA
–
140mV
+
VEXT
RPGD
690mV
640mV
600mV
530mV
FB
HYSTERESIS (50mV)
OUTPUT OVERVOLTAGE
PGOOD DEASSERT
PGOOD
REASSERT
PGOOD
ASSERTION
AT POWER-UP
PGOOD
DEASSERTION
AT POWER-DOWN
SOFT START
VEXT
PGOOD
0V
0V
tPGD
tPGD
tPGD
tPGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com