Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.3-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1879ACPZ-0.3-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.3-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1879ACPZ-0.3-R7 Datasheet HTML 10Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 11Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 12Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 13Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 14Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 15Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 16Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 17Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 14 of 40
Figure 46. CCM Operation at Heavy Load, 12 A
(See Figure 95 for Application Circuit)
Figure 47. Load Transient Step—PSM Enabled, 12 A
(See Figure 95 Application Circuit)
Figure 48. Positive Step During Heavy Load Transient Behavior—PSM Enabled,
12 A, VOUT = 1.8 V (See Figure 95 Application Circuit)
Figure 49. Negative Step During Heavy Load Transient Behavior—PSM Enabled,
12 A (See Figure 95 Application Circuit)
Figure 50. Load Transient Step—Forced PWM at Light Load, 12 A
(See Figure 95 Application Circuit)
Figure 51. Positive Step During Heavy Load Transient Behavior—Forced PWM
at Light Load, 12 A, VOUT = 1.8 V (See Figure 95 Application Circuit)
CH1 5A Ω
CH3 10V
CH4 100mV
B
W
M400ns
A CH3
2.20V
T 30.6%
1
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
CH1 10A Ω
CH2 200mV
B
W
CH3 20V
CH4 5V
M2ms
A CH1
3.40A
T 75.6%
1
2
3
4
OUTPUT VOLTAGE
12A STEP
SW NODE
LOW SIDE
CH1 10A Ω
CH2 200mV
B
W
CH3 20V
CH4 5V
M20µs
A CH1
3.40A
T 30.6%
1
2
3
4
OUTPUT VOLTAGE
12A POSITIVE STEP
SW NODE
LOW SIDE
CH1 10A Ω
CH2 200mV
B
W
CH3 20V
CH4 5V
M20µs
A CH1
3.40A
T 48.2%
1
2
3
4
OUTPUT VOLTAGE
12A NEGATIVE STEP
SW NODE
LOW SIDE
CH1 10A Ω
CH2 5V
CH3 20V
CH4 200mV
B
W
M2ms
A CH1
6.20A
T 15.6%
1
2
3
4
OUTPUT VOLTAGE
12A STEP
SW NODE
LOW SIDE
CH1 10A Ω
CH2 5V
CH3 20V
CH4 200mV
B
W
M20µs
A CH1
6.20A
T 43.8%
1
2
3
4
OUTPUT VOLTAGE
12A POSITIVE STEP
SW NODE
LOW SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com