Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.3-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1879ACPZ-0.3-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.3-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1879ACPZ-0.3-R7 Datasheet HTML 14Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 15Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 16Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 17Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 18Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 19Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 20Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 21Page - Analog Devices ADP1879ACPZ-0.3-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 18 of 40
STARTUP
Each ADP1878/ADP1879 has an internal regulator (VREG)
for biasing and supplying power for the integrated N-channel
MOSFET drivers. Place a bypass capacitor directly across the
VREG (Pin 7) and PGND (Pin 13) pins. Included in the power-
up sequence is the biasing of the current sense amplifier, the
current sense gain circuit (see the Programming Resistor (RES)
Detect Circuit section), the soft start circuit, and the error
amplifier.
The current sense blocks provide valley current information
(see the Programming Resistor (RES) Detect Circuit section)
and they are a variable of the compensation equation for loop
stability (see the Compensation Network section). In a process
performed by the RES detect circuit, the valley current informa-
tion is extracted by forcing 0.4 V across the RES and PGND pins
generating current. The current through the RES resistor is used
to set the current sense amplifier gain (see the Programming
Resistor (RES) Detect Circuit section). This process takes approx-
imately 800 μs, after which time the drive signal pulses appear at
the DRVL and DRVH pins synchronously, and the output voltage
begins to rise in a controlled manner through the soft start
sequence.
The soft start and error amplifier blocks determine the rise time
of the output voltage (see the Soft Start section). At the beginning
of a soft start, the error amplifier charges the external compensa-
tion capacitor, causing the COMP pin to rise (see Figure 65).
Tying the VREG pin to the EN pin via a pull-up resistor causes
the voltage at the EN pin to rise above the enable threshold of
630 mV, thereby enabling the ADP1878/ADP1879.
Figure 65. COMP Voltage Range
SOFT START
The ADP1878 employs externally programmable, soft start
circuitry that charges up a capacitor tied to the SS pin to GND.
This prevents input inrush current through the external MOSFET
from the input supply (VIN). The output tracks the ramping voltage
by producing PWM output pulses to the high-side MOSFET. The
purpose is to limit the inrush current from the high voltage
input supply (VIN) to the output (VOUT).
PRECISION ENABLE CIRCUITRY
The ADP1878/ADP1879 have precision enable circuitry. The
precision enable threshold is 630 mV including 30 mV of
hysteresis (see Figure 66). Connecting the EN pin to GND
disables the ADP1878/ADP1879, reducing the supply current
of the device to approximately 140 μA.
Figure 66. Connecting EN Pin to VREG via a Pull-Up Resistor to Enable the
ADP1878/ADP1879
UNDERVOLTAGE LOCKOUT
The undervoltage lockout (UVLO) feature prevents the device
from operating both the high- and low-side N-channel MOSFETs
at extremely low or undefined input voltage (VIN) ranges.
Operation at an undefined bias voltage can result in the
incorrect propagation of signals to the high-side power switches.
This, in turn, results in invalid output behavior that can cause
damage to the output devices, ultimately destroying the device
tied at the output. The UVLO level is set at 2.65 V (nominal).
ON-BOARD LOW DROPOUT (LDO) REGULATOR
The ADP1878/ADP1879 use an on-board LDO to bias the
internal digital and analog circuitry. With proper bypass
capacitors connected to the VREG pin (output of the internal
LDO), this pin also provides power for the internal MOSFET
drivers. It is recommended to float VREG if VIN is used for
greater than 5.5 V operation. The minimum voltage at which
bias is guaranteed to operate is 2.75 V at VREG (see Figure 67).
Figure 67. On-Board Regulator
For applications where VIN is decoupled from VREG, the
minimum voltage at VIN must be 2.9 V. It is recommended to tie
VIN and VREG together if the VIN pin is subjected to a 2.75 V rail.
COMP
>2.4V
2.4V
1.0V
500mV
0V
HICCUP MODE INITIALIZED
MAXIMUM CURRENT (UPPER CLAMP)
ZERO CURRENT
USABLE RANGE ONLY AFTER SOFT START
PERIOD IF CONTINUOUS CONDUCTION
MODE OF OPERATION IS SELECTED.
LOWER CLAMP
PRECISION
ENABLE COMP.
TO ENABLE
ALL BLOCKS
EN
630mV
VREG
10kΩ
REF
VREG
VIN
ON-BOARD REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com