Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5040
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5040 Datasheet HTML 17Page - Analog Devices ADP5040 Datasheet HTML 18Page - Analog Devices ADP5040 Datasheet HTML 19Page - Analog Devices ADP5040 Datasheet HTML 20Page - Analog Devices ADP5040 Datasheet HTML 21Page - Analog Devices ADP5040 Datasheet HTML 22Page - Analog Devices ADP5040 Datasheet HTML 23Page - Analog Devices ADP5040 Datasheet HTML 24Page - Analog Devices ADP5040 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 21 of 40
CH2
CH3
A CH3
89.6mA
2
VOUT
50.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 120M
200µs/DIV
500kS/s
2.0µs/pt
IOUT
Figure 81. LDO1, LDO2 Response to Load Transient, IOUT from 10 mA to
200 mA, VOUT = 1.8 V
CH2
CH3
A CH3
27.2mA
2
VOUT
30.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
5.0MS/s
200ns/pt
IOUT
Figure 82. LDO1, LDO2 Response to Load Transient, IOUT from 1 mA to
80 mA, VOUT = 1.2 V
CH2
CH3
A CH3
27.2mA
2
VOUT
30.0mV/DIV
80.0mA/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
5.0MS/s
200ns/pt
IOUT
Figure 83. LDO1, LDO2 Response to Load Transient, IOUT from 10 mA to
200 mA, VOUT = 1.2 V
CH2
CH3
A CH3
4.84V
2
VOUT
20.0mV/DIV
1.0V/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
VIN
Figure 84. LDO1, LDO2 Response to Line Transient, Input Voltage from
4.5 V to 5.5 V, VOUT = 3.3 V
CH2
CH3
A CH3
4.86V
2
VOUT
20.0mV/DIV
1.0V/DIV
B
W 20.0M
3
1MΩ BW 20.0M
500µs/DIV
1.0MS/s
1.0µs/pt
VIN
Figure 85. LDO1, LDO2 Response to Line Transient, Input Voltage from
4.5 V to 5.5 V, VOUT = 1.8 V
CH2
CH3
A CH3
4.48V
2
VOUT
20.0mV/DIV
1.0V/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
VIN
Figure 86. LDO1, LDO2 Response to Line Transient, Input Voltage from
4.5 V to 5.5 V, VOUT = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com