Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7104ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP7104ACPZ-R7
Description  20 V, 500 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7104ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP7104ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP7104
Data Sheet
Rev. B | Page 18 of 28
PROGRAMABLE UNDERVOLTAGE LOCKOUT (UVLO)
The ADP7104 uses the EN/UVLO pin to enable and disable
the VOUT pin under normal operating conditions. As shown
in Figure 64, when a rising voltage on EN crosses the upper
threshold, VOUT turns on. When a falling voltage on EN/
UVLO crosses the lower threshold, VOUT turns off. The
hysteresis of the EN/UVLO threshold is determined by
the Thevenin equivalent resistance in series with the EN/
UVLO pin.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
1.00
0
VOUT, EN RISE
VOUT, EN FALL
Figure 64. Typical VOUT Response to EN Pin Operation
The upper and lower thresholds are user programmable and can
be set using two resistors. When the EN/UVLO pin voltage is
below 1.22 V, the LDO is disabled. When the EN/UVLO pin
voltage transitions above 1.22 V, the LDO is enabled and 10 µA
hysteresis current is sourced out the pin raising the voltage, thus
providing threshold hysteresis. Typically, two external resistors
program the minimum operational voltage for the LDO. The
resistance values, R1 and R2 can be determined from:
R1 = VHYS/10 μA
R2 = 1.22 V × R1/(VIN − 1.22 V)
where:
VIN is the desired turn-on voltage.
VHYS is the desired EN/UVLO hysteresis level.
Hysteresis can also be achieved by connecting a resistor in
series with EN/UVLO pin. For the example shown in Figure 65,
the enable threshold is 2.44 V with a hysteresis of 1 V.
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
SENSE
EN/
UVLO
100k
Ω
100k
Ω
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
+
+
Figure 65. Typical EN Pin Voltage Divider
Figure 64 shows the typical hysteresis of the EN/UVLO pin.
This prevents on/off oscillations that can occur due to noise
on the EN pin as it passes through the threshold points.
The ADP7104 uses an internal soft-start to limit the inrush
current when the output is enabled. The start-up time for the
3.3 V option is approximately 580 μs from the time the EN
active threshold is crossed to when the output reaches 90%
of its final value. As shown in Figure 66, the start-up time is
dependent on the output voltage setting.
TIME (µs)
0
500
1000
1500
2000
6
4
5
3
2
1
0
5V
3.3V
ENABLE
Figure 66. Typical Start-Up Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com