Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7104ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7104ACPZ-R7
Description  20 V, 500 mA, Low Noise, CMOS LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7104ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7104ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP7104ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
20 V, 500 mA, Low Noise, CMOS LDO
Data Sheet
ADP7104
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 3.3 V to 20 V
Maximum output current: 500 mA
Low noise: 15 µV rms for fixed output versions
PSRR performance of 60 dB at 10 kHz, VOUT = 3.3 V
Reverse current protection
Low dropout voltage: 350 mV at 500 mA
Initial accuracy: ±0.8%
Accuracy over line, load, and temperature: −2%/+1%
Low quiescent current (VIN = 5 V), IGND= 900 μA with 500 mA load
Low shutdown current: <40 µA at VIN = 12 V, stable with small
1 µF ceramic output capacitor
7 fixed output voltage options: 1.5 V, 1.8 V, 2.5 V, 3 V, 3.3 V,
5 V, and 9 V
Adjustable output from 1.22 V to VIN − VDO
Foldback current limit and thermal overload protection
User programmable precision UVLO/enable
Power-good indicator
8-lead LFCSP and 8-lead SOIC packages
APPLICATIONS
Regulation to noise sensitive applications: ADC, DAC circuits,
precision amplifiers, high frequency oscillators, clocks,
and PLLs
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
TYPICAL APPLICATION CIRCUITS
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
SENSE
EN/
UVLO
100k
Ω
100k
Ω
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
+
+
Figure 1. ADP7104 with Fixed Output Voltage, 5 V
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
100k
Ω
100k
Ω
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
+
+
13k
Ω
40.2k
Ω
Figure 2. ADP7104 with Adjustable Output Voltage, 5 V
GENERAL DESCRIPTION
The ADP7104 is a CMOS, low dropout linear regulator that
operates from 3.3 V to 20 V and provides up to 500 mA of
output current. This high input voltage LDO is ideal for
regulation of high performance analog and mixed signal
circuits operating from 19 V to 1.22 V rails. Using an
advanced proprietary architecture, it provides high power
supply rejection, low noise, and achieves excellent line and
load transient response with just a small 1 µF ceramic
output capacitor.
The ADP7104 is available in seven fixed output voltage options
and an adjustable version, which allows output voltages that
range from 1.22 V to VIN − VDO via an external feedback divider.
The ADP7104 output noise voltage is 15 μV rms and is inde-
pendent of the output voltage. A digital power-good output
allows power system monitors to check the health of the output
voltage. A user programmable precision undervoltage lockout
function facilitates sequencing of multiple power supplies.
The ADP7104 is available in 8-lead, 3 mm × 3 mm LFCSP
and 8-lead SOIC packages. The LFCSP offers a very compact
solution and also provides excellent thermal performance for
applications requiring up to 500 mA of output current in a
small, low-profile footprint.


Similar Part No. - ADP7104ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7104ARDZ AD-ADP7104ARDZ Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP7104ARDZ-25 AD-ADP7104ARDZ-25 Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP7104ARDZ-3.3 AD-ADP7104ARDZ-3.3 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
ADP7104ARDZ-33 AD-ADP7104ARDZ-33 Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
More results

Similar Description - ADP7104ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
Analog Devices
ADP7102 AD-ADP7102 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7105ACPZ-R2 AD-ADP7105ACPZ-R2 Datasheet
855Kb / 28P
20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ARDZ AD-ADP7105ARDZ Datasheet
855Kb / 28P
20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
logo
Texas Instruments
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com