Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP223 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP223
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP223 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP223 Datasheet HTML 9Page - Analog Devices ADP223 Datasheet HTML 10Page - Analog Devices ADP223 Datasheet HTML 11Page - Analog Devices ADP223 Datasheet HTML 12Page - Analog Devices ADP223 Datasheet HTML 13Page - Analog Devices ADP223 Datasheet HTML 14Page - Analog Devices ADP223 Datasheet HTML 15Page - Analog Devices ADP223 Datasheet HTML 16Page - Analog Devices ADP223 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 13 of 24
0
20
40
60
80
100
120
140
1
10
100
1000
ILOAD (mA)
Figure 41. Dropout Voltage vs. Load Current, VOUT = 3.3 V
0
20
40
60
80
100
120
140
160
1
10
100
1000
ILOAD (mA)
Figure 42. Dropout Voltage vs. Load Current, VOUT = 2.8 V
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.1
3.2
3.3
3.4
3.5
3.6
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 43. Output Voltage vs. Input Voltage in Dropout, VOUTx = 3.3 V
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.6
2.7
2.8
2.9
3.0
3.1
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 44. Output Voltage vs. Input Voltage in Dropout, VOUTx = 2.8 V
0
50
100
150
200
250
300
350
400
450
3.1
3.2
3.3
3.4
3.5
3.6
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 45. Ground Current vs. Input Voltage in Dropout, VOUTx = 3.3 V
VIN (V)
0
50
100
150
200
250
300
350
400
2.6
2.7
2.8
2.9
3.0
3.1
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 46. Ground Current vs. Input Voltage in Dropout, VOUTx = 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com