Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP223 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP223
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP223 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP223 Datasheet HTML 16Page - Analog Devices ADP223 Datasheet HTML 17Page - Analog Devices ADP223 Datasheet HTML 18Page - Analog Devices ADP223 Datasheet HTML 19Page - Analog Devices ADP223 Datasheet HTML 20Page - Analog Devices ADP223 Datasheet HTML 21Page - Analog Devices ADP223 Datasheet HTML 22Page - Analog Devices ADP223 Datasheet HTML 23Page - Analog Devices ADP223 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 21 of 24
The junction temperature of the ADP222/ADP223/ADP224/
ADP225 can be calculated by
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
As shown in the simplified equation, for a given ambient
temperature, input- to-output voltage differential, and continuous
load current, there exists a minimum copper size requirement
for the PCB to ensure that the junction temperature does not rise
above 125°C. Figure 72 to Figure 75 show junction temperature
calculations for different ambient temperatures, power dissipation,
and areas of PCB copper.
140
120
100
80
60
40
20
0
TOTAL POWER DISSIPATION (W)
0
0.2
0.4
0.6
0.8
1.0
1.2
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 72. 8-Lead LFCSP, TA = 25°C
140
120
100
80
60
40
20
0
TOTAL POWER DISSIPATION (W)
0
0.2
0.4
0.6
0.8
1.0
1.2
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 73. 8-Lead LFCSP, TA = 50°C
140
120
100
80
60
40
20
0
TOTAL POWER DISSIPATION (W)
0
0.2
0.4
0.6
0.8
1.0
1.2
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 74. 8-Lead LFCSP, TA = 85°C
140
120
100
80
60
40
20
0
TOTAL POWER DISSIPATION (W)
0
2
1
3
4
5
6
7
TB = 25°C
TB = 50°C
TB = 85°C
TJ MAX
Figure 75. 8-Lead LFCSP, TA = 85°C
In the case where the board temperature is known, use the
thermal characterization parameter, ΨJB, to estimate the
junction temperature rise (see Figure 75). Maximum junction
temperature (TJ) is calculated from the board temperature (TB)
and power dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(3)
The typical value of ΨJB is 18.2°C/W for the 8-lead LFCSP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com