Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3525WARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR3525WARMZ-R7
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3525WARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR3525WARMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 9Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 10Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 11Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 12Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 13Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Data Sheet
Rev. 0 | Page 12 of 20
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
CL = 1.1µF
CIN = 0.1µF
Figure 15. ADR3525 Ripple Rejection Ratio vs. Frequency
1
2
CIN = CL = 0.1µF
RL = ∞
VOUT = 1V/DIV
VIN = 2V/DIV
TIME = 200µs/DIV
Figure 16. ADR3525 Start-Up Response
1
2
VENABLE = 1V/DIV
VIN = 3.0V
CIN = CL = 0.1µF
RL = ∞
VOUT = 1V/DIV
ENABLE
TIME = 200µs/DIV
Figure 17. ADR3525 Restart Response from Shutdown
CH1 pk-pk = 33.4µV
CH1 RMS = 5.68µV
1
10µV/DIV
Figure 18. ADR3550 Output Voltage Noise (0.1 Hz to 10 Hz)
CH1 pk-pk = 446µV
CH1 RMS = 60.3µV
1
100µV/DIV
Figure 19. ADR3550 Output Voltage Noise (10 Hz to 10 kHz)
0
2
4
6
8
10
12
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 20. ADR3550 Output Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com