Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3525WARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR3525WARMZ-R7
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3525WARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR3525WARMZ-R7 Datasheet HTML 11Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 12Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 13Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 16Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 17Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3525WARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0 | Page 15 of 20
0
1
2
3
4
5
6
7
8
9
RELATIVE SHIFT IN VOUT (%)
Figure 33. Output Voltage Drift Distribution After Reflow (SHR Drift)
0
1
2
3
4
5
6
7
8
OUTPUT VOLTAGE HYSTERESIS (ppm)
TA = +25°C → –40°C → +125°C → +25°C
Figure 34. ADR3550 Thermally Induced Output Voltage Hysteresis Distribution
80
60
40
20
0
–20
–40
–60
–80
0
200
400
800
600
1000
ELAPSED TIME (Hours)
Figure 35. ADR3550 Typical Long-Term Output Voltage Drift
(Four Devices, 1000 Hours)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com