Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520BRZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADR4520BRZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520BRZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADR4520BRZ-R7 Datasheet HTML 24Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 25Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 26Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 27Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 28Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 29Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 30Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 31Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 32 of 32
OUTLINE DIMENSIONS
Figure 97. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
ADR4520ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4520ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4520BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4520BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4525ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4525ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4525BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4525BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4530ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4530ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4530BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4530BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4533ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4533ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4533BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4533BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4540ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4540ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4540BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4540BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4550ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4550ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR4550BRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR4550BRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
1
Z = RoHS Compliant Part.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10203-0-4/12(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com