Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520BRZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR4520BRZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520BRZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR4520BRZ-R7 Datasheet HTML 11Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 12Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 13Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 14Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 15Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 16Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 17Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 18Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 15 of 32
Figure 24. ADR4525 Line Regulation vs. Temperature
Figure 25. ADR4525 Supply Current vs. Supply Voltage
Figure 26. ADR4525 Output Voltage Noise
(Maximum Amplitude from 0.1 Hz to 10 Hz)
Figure 27. ADR4525 Output Noise Spectral Density
Figure 28. ADR4525 Ripple Rejection Ratio vs. Frequency
Figure 29. ADR4525 Line Transient Response
TEMPERATURE (°C)
ADR4525
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
–60
–40
–20
0
20
40
60
80
100
120
140
VIN (V)
0
900
800
700
600
500
400
300
200
100
0
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
–40°C
+25°C
+125°C
ADR4525
OUTPUT VOLTAGE NOISE DISTRIBUTION (µV p-p)
0
160
140
120
100
80
60
40
20
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
ADR4525
FREQUENCY (Hz)
1
1k
100
10
100k
0.01
0.1
1
10
100
1k
10k
ADR4525
FREQUENCY (Hz)
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
ADR4525
100M
10
100
1k
10k
100k
1M
10M
CH1 1.00V
CH2 1.00mV
B
W
M200µs
A CH1
4.08V
2
1
ADR4525
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 10.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com