Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1663-ND Datasheet(PDF) 3 Page - Amphenol Corporation

Part # ARF1663-ND
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1663-ND Datasheet(HTML) 3 Page - Amphenol Corporation

  ARF1663-ND Datasheet HTML 1Page - Amphenol Corporation ARF1663-ND Datasheet HTML 2Page - Amphenol Corporation ARF1663-ND Datasheet HTML 3Page - Amphenol Corporation ARF1663-ND Datasheet HTML 4Page - Amphenol Corporation ARF1663-ND Datasheet HTML 5Page - Amphenol Corporation ARF1663-ND Datasheet HTML 6Page - Amphenol Corporation ARF1663-ND Datasheet HTML 7Page - Amphenol Corporation ARF1663-ND Datasheet HTML 8Page - Amphenol Corporation ARF1663-ND Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
107
Amphenol® RF:
800-627-7100
BNC
BNC
50 Ω BNC Specifications
Electrical
Impedance
50 Ω nominal
Frequency range
DC - 4 GHz (usable to 11 GHz)
VSWR
1.3 max. @ DC - 4 GHz (straight)
1.35 max. @ DC - 4 GHz (right-angle)
RF-leakage
55 dB minimum @ 3 GHz
Voltage rating (at sea level)
≥ 500 V peak (depending on cable)
Contact resistance
center contact: ≤ 1.5 mΩ
outer contact: ≤ 0.2 mΩ
braid to body: ≤ 0.1 mΩ
Insulation resistance
5,000 MΩ minimum
Insertion loss maximum
0.2 dB max. @ 3 GHz
Dielectric withstanding voltage
1,500 Vrms (at sea level)
Mechanical
Mating
2-stud bayonet lock coupling (MIL-STD-348)
Attachment method (inner / outer)
Crimp, clamp
Coupling torque, min./max.
0.6 / 2.5 in-lbs (7 / 28 N-cm)
Coupling nut retention force
101 lbs (450N) min.
Center contact retention force
≥ 6.1 lbs (27N)
Braid/Jacket cable affixment
Hex crimp or screw-threaded clamps
Center conductor cable affixment
Crimp or solder
Engagement force
≤ 5 lbs (22N)
Disengagement force
≥ 1.5 lbs (7N)
Durability (matings)
500 cycles minimum
Environmental
Temperature range
-65°C to +165°C
- copolymer of styrene:
-55°C to +85°C
Hermetic seals
Helium leak test, 2 x 10^8 cc/sec.
Thermal shock
MIL-STD-202, method 102, cond. D
Moisture resistance
MIL-STD-202, method 106
Corrosion
MIL-STD-202, method 101, cond. B
Vibration
MIL-STD-202, method 204, cond. D
Mechanical shock
MIL-STD-202, method 202
Altitude
MIL-STD-202, method 105, cond. C
Note: These characteristics are typical but may not apply to all connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com