Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1663-ND Datasheet(PDF) 15 Page - Amphenol Corporation

Part # ARF1663-ND
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1663-ND Datasheet(HTML) 15 Page - Amphenol Corporation

Back Button ARF1663-ND Datasheet HTML 8Page - Amphenol Corporation ARF1663-ND Datasheet HTML 9Page - Amphenol Corporation ARF1663-ND Datasheet HTML 10Page - Amphenol Corporation ARF1663-ND Datasheet HTML 11Page - Amphenol Corporation ARF1663-ND Datasheet HTML 12Page - Amphenol Corporation ARF1663-ND Datasheet HTML 13Page - Amphenol Corporation ARF1663-ND Datasheet HTML 14Page - Amphenol Corporation ARF1663-ND Datasheet HTML 15Page - Amphenol Corporation ARF1663-ND Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
119
Amphenol® RF:
800-627-7100
Accessories
Terminations
Plating
Part Number
Body
Contact
Description
Grade
000-46650-51
Nickel
Silver
Male Cap, Resistor Terminated,
50 Ω
Industrial
000-46650-51RFX
Nickel
Gold
Male Cap, Resistor Terminated,
1% 1 watt, 50 Ω
Commercial
000-46650-75RFX
Nickel
Gold
Male Cap, Resistor Terminated,
1% 1 watt, 75 Ω
Commercial
000-46650-93RFX
Nickel
Gold
Male Cap, Resistor Terminated,
1% 1 watt, 90 Ω
Commercial
Caps & Chains
Plating
Part Number
Body
Contact Description
Grade
000-35650-51 Nickel
Gold
Cap & Chain, Resistor Terminated, 50 Ω
Industrial
000-35650-75 Nickel
Gold
Cap & Chain, Resistor Terminated, 75 Ω
Industrial
031-17
Nickel
Silver Male Shorting Cap & Chain
Industrial
031-6
Nickel
N/A
Cap & Chain
Industrial
031-6-RFX
Nickel
N/A
Cap & Chain
Commercial
Miscellaneous Accessories
Part Number
Plating
Quantity
Description
Grade
031-759
Nickel
Pkg. of 25
Shield Grounding Lug
Commercial
031-10152-RFX Nickel
Pkg. of 25
Toothed Grounding Lug
Commercial
031-5663
N/A
1 ea.
4.8” x Diameter 1.3” piece of velcro
Industrial
000-5275
Nickel
1 ea.
Shorting Plug less chain
Industrial
BNC
BNC
T- Adapters
Plating
Part Number
Body
Contact
Type
Grade
031-70036
Nickel
Gold
1
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com