Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC984LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC984LP4E
Description  DIGITAL PHASE-FREQUeNCY DETECTOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC984LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC984LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
6 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC984LP4E
v02.0112
DIGITAL PHASE-FREQUENCY DETECTOR
Table 2. Pin Descriptions
Pin Number
Function
Description
Interface Schematic
9
CP
Charge Pump Output Pin
10
VPPCP
5 V Analog Power Supply Pin Charge Pump
11
AVDD
3 V Analog Supply
12
BIAS
External Decoupling for Analog Bias Circuits
13
RVDD
3 V Supply Pin for Reference Circuits
14
XREFP
Reference/TCXO Input Pin
15
NC
No Connect Pin
16
DVDD
3 V Digital Supply Pin
17
CEN
Chip Enable Pin
18
SDO
Serial Data Output Pin
Continued...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com