Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC984LP4E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC984LP4E
Description  DIGITAL PHASE-FREQUeNCY DETECTOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC984LP4E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC984LP4E Datasheet HTML 17Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 18Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 19Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 20Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 21Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 22Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 23Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 24Page - Hittite Microwave Corporation HMC984LP4E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
6 - 21
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC984LP4E
v02.0112
DIGITAL PHASE-FREQUENCY DETECTOR
The HMC984LP4E has two outputs, UPSAT and DNSAT, which indicate to the HMC983LP5E whether the Reference
or the VCO is leading in phase. These outputs are CMOS signal with DVDD levels. When HMC983LP5E detects
saturation (large phase error), it configures itself, and the HMC984LP4E in order to eliminate or reduce cycle clipping.
There are additional controls for adjusting the CSP operation in HMC983LP5E. The controls for CSP feature are;
1.
Register 0Eh bits [18:15] control the step size, where step is a VCO cycle.
2.
Register 0Eh bit [29] increases the step size by a factor of 16 for operations with low reference frequencies.
The actual operation of CSP will depend on the Reference and VCO frequencies and will need to be tailored for each
application.
Charge Pump
The charge pump in HMC984LP4E converts the phase detector digital outputs to appropriate current level that is
proportional to phase difference between the reference and the VCO. A simplified block diagram of the charge pump
is shown in Figure 25. The HMC984LP4E CP has programmable current gain and offset current.
Charge Pump Gain Current
CP gain current defines the gain of Phase Detector vs. Phase Difference in Amps/radians. The UP and DOWN
gain currents are configured in Reg 04h[6:0] and Reg 04h[13:7] respectively. Both UP and DOWN currents can be
programmed to provide up to 2.5 mA independently in 127 steps (20 μA/step). Resulting phase detector gain is the
total current from one side divided by 2π. For example, if both UP and DOWN currents are set 2 mA each, the gain
would be 2 mA/2π = 318.31 μA/radian. Typically both of the gain currents are set to the same value.
Charge Pump Phase Offset
Either of the UP or DOWN charge pumps may have a DC offset current added to it. Offset current allows the phase
detector to operate with a phase offset between the reference and the divided VCO inputs. The phase offset is
proportional to the ratio of the offset current to the main current times the period of the phase comparison clock.
Offset Current
1
PD Phase offset=
CP Current
PD
f
×
(Eq 5)
It is recommended to operate the HMC984LP4E with a phase offset when using fractional mode to reduce non-linear
effects from any UP and DN pump mismatches that may exist. Phase noise in fractional mode is strongly affected by
charge pump offset.
The magnitude of offset current is set in Reg 04h[20:14], and can be added to the UP (Reg 04h[21] = 1) or DOWN (Reg
04h[22] = 1) pumps.
As an example, if the main pump gain was set at 2 mA, an offset of 160 µA (Reg 04h[20:14] = 20h) and 50 MHz PFD
rate would represent a phase offset of about (160/2000)*360 = 28.8 degrees or (163.5 μA/2000 μA)*20 ns = 1.6 ns
phase offset at the PD input.
Charge Pump High Gain (HiK) Mode
Operating the CP of the HMC984LP4E in High Gain mode (Reg 04h[23] = 1) can improve PLL phase noise performance
by up to 3 dB. In High Gain mode the charge pump can deliver current of 3.5 mA + normal programmed CP current.
High gain mode can be used without the normal charge pump current in which case the loop filter should be designed
with a current of 3.5 mA. In the case where high gain mode is used with the normal CP current, the loop filter should be
designed with a charge pump current of 3.5 mA + programmed CP current. The high gain mode current is depended
on the loop filter voltage, therefore the high gain mode should be used with active loop filters to keep a constant
voltage a the charge pump output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com