Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC941LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC941LP4
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC941LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC941LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC941LP4 / 941LP4E
v00.0910
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Electrical Specifications, T
A = +25° C, With Vdd = +5V, Vss = -5V, P0 - P4 = 0/ +5V
the HMC941LP4 / HMC941LP4e is ideal for:
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Space Applications
• Sensors
• Test & Measurement Equipment
0.5 dB LSB Steps to 15.5 dB
Single Positive Control Line Per Bit
±0.5 dB Typical Bit Error
High Input IP3: +45 dBm
16mm2 Leadless SMT Plastic Package
the HMC941LP4 & HMC941LP4E are broadband 5-bit
GaAs IC digital attenuators in low cost leadless sur-
face mount packages. Covering 0.1 to 33.0 GHz, the
insertion loss is less than 4 dB typical. The attenuator
bit values are 0.5 (LSB), 1, 2, 4, 8, for a total attenu-
ation of 15.5 dB. Attenuation accuracy is excellent
at ±0.3 dB typical step error with an IIP3 of +45 dBm.
Five control voltage inputs, toggled between +5V and
0V, are used to select each attenuation state.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
0.1 - 18.0 GHz
18.0 - 26.5 GHz
26.5 - 33.0 GHz
3.0
4.0
5.0
4.5
6.0
6.5
dB
dB
Attenuation Range
0.1 - 33.0 GHz
15.5
dB
Return Loss (RF1 & RF2, All Atten. States)
0.1 - 33.0 GHz
12
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
0.5 - 7.5 dB States
8 - 15.5 dB States
0.1 - 33.0 GHz
0.1 - 33.0 GHz
± (0.3 + 4%) of Atten. Setting Max
± (0.3 + 8%) of Atten. Setting Max
dB
dB
Input Power for 0.1 dB Compression
0.1 - 0.5 GHz
0.5 - 33.0 GHz
22
27
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.1 - 0.5 GHz
0.5 - 33.0 GHz
42
45
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON/tOFF (50% CTL to 10/90% RF)
0.1 - 33.0 GHz
60
90
ns
ns
Idd
0.1 - 33.0 GHz
2.5
4.5
6.5
mA
Iss
0.1 - 33.0 GHz
-7.0
-5.0
-3.0
mA
General Description
Features
Functional Diagram
Typical Applications


Similar Part No. - HMC941LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC941LP4 HITTITE-HMC941LP4 Datasheet
705Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC941LP4E HITTITE-HMC941LP4E Datasheet
705Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
More results

Similar Description - HMC941LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC939LP4 HITTITE-HMC939LP4 Datasheet
712Kb / 8P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC941LP4 HITTITE-HMC941LP4 Datasheet
705Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC1018LP4E HITTITE-HMC1018LP4E Datasheet
856Kb / 10P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC1019LP4E HITTITE-HMC1019LP4E Datasheet
846Kb / 10P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC939LP4 HITTITE-HMC939LP4_12 Datasheet
922Kb / 8P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC941ALP4 AD-HMC941ALP4 Datasheet
2Mb / 4P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com