Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC941LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC941LP4
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC941LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC941LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC941LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC941LP4 / 941LP4E
v00.0910
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Input Return Loss
(Only Major States are Shown)
Output Return Loss
(Only Major States are Shown)
Insertion Loss vs. Temperature
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
-0.8
-0.4
0
0.4
0.8
1.2
0
4
8
12
16
5 GHz
10 GHz
18 GHz
26.5 GHz
33 GHz
ATTENUATION STATE (dB)
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
15.5 dB
8 dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com