Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2S-G Datasheet(PDF) 4 Page - Comchip Technology

Part # MB2S-G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MB2S-G Datasheet(HTML) 4 Page - Comchip Technology

  MB2S-G Datasheet HTML 1Page - Comchip Technology MB2S-G Datasheet HTML 2Page - Comchip Technology MB2S-G Datasheet HTML 3Page - Comchip Technology MB2S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BBR73
Comchip Technology CO., LTD.
Page 4
REV: A
Suggested PAD Layout
SIZE
(inch)
0.094
(mm)
2.40
0.90
1.84
0.035
0.072
6.00
0.236
B
C
D
A
MBS
D
A
C
B
Part Number
MB2S-G
Marking Code
MB2S
Marking Code
MB4S-G
MB4S
X/XX = Product type marking code
MB6S-G
MB8S-G
MB6S
MB8S
MB10S-G
MB10S
MBXXS
+
-
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
2,500
Reel Size
(inch)
13
MBS
Glass Passivated Bridge Rectifiers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com