Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MB2S-G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MB2S-G Datasheet(HTML) 1 Page - Comchip Technology

  MB2S-G Datasheet HTML 1Page - Comchip Technology MB2S-G Datasheet HTML 2Page - Comchip Technology MB2S-G Datasheet HTML 3Page - Comchip Technology MB2S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass Passivated Bridge Rectifiers
Reverse Voltage: 200 to 1000 Volts
Forward Current: 0.8 Amp
RoHS Device
Page 1
REV: A
Features
Mechanical data
Case: Molded plastic.
-
Polarity: As marked.
-
-Weight:0.13 gram(approx.).
MB2S-G Thru. MB10S-G
QW-BBR73
Comchip Technology CO., LTD.
MBS
Dimensions in inches and (millimeters)
Parameter
Maximum Rating And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Recurrent Current
Peak Forward Surge Current, 8.3mS Single
Half Sine-wave, Superimposed On Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 0.4A
Maximum DC Reverse Current
Rated DC Blocking Voltage per leg
@TJ=25°C
@TJ=125°C
(Note 2)
Operating Temperature Range
Storage Temperature Range
Notes: 1. On aluminum suvstrate P.C.B. with an area of 0.8x0.8”(20x20mm) mounted on 0.05x0.05”(1.3x1.3mm) solder pad.
2.On glass epoxy P.C.B. mounted on 0.05x0.05”(1.3x1.3mm) pads.
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
RθJL
TJ
TSTG
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
35
5.0
500
20
-55 to +150
-55 to +150
A
A
V
mA
°C
°C
200
140
200
MB2S-G
MB4S-G
MB6S-G
MB8S-G
MB10S-G
1.0
0.031 (0.84)
0.019 (0.50)
0.014 (0.35)
0.006 (0.15)
0.106 (2.70)
0.090 (2.30)
0.193 (4.90)
0.177 (4.50)
0.157 (4.00)
0.142 (3.60)
0.102 (2.60)
0.087 (2.20)
+
-
0.008 (0.20)max
0.083 (2.12)
0.043 (1.10)
0.053 (1.53)
0.037 (0.95)
0.118(3.00)MAX
0.053 (1.53)
0.037 (0.95)
0.276 (7.00)MAX
0.8
Typical Thermal Resistance
RθJA
70
°C/W
(Note 1)
-Ideal for printed circuit board
Lead length at 5 lbs.,(2.3kg) tension.
-High temperature soldering guaranteed:
260°C / 10 seconds /9.5mm
Lead: Solder plated.
-


Similar Part No. - MB2S-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB2S-05 YFWDIODE-MB2S-05 Datasheet
481Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB2S-05 YFWDIODE-MB2S-05 Datasheet
496Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB2S-10 YFWDIODE-MB2S-10 Datasheet
481Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB2S-10 YFWDIODE-MB2S-10 Datasheet
496Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Vishay Siliconix
MB2S-E3/45 VISHAY-MB2S-E3/45 Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
More results

Similar Description - MB2S-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com