Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MB10S-G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MB10S-G Datasheet(HTML) 2 Page - Comchip Technology

  MB10S-G Datasheet HTML 1Page - Comchip Technology MB10S-G Datasheet HTML 2Page - Comchip Technology MB10S-G Datasheet HTML 3Page - Comchip Technology MB10S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (MB2S-G Thru. MB10S-G)
Page 2
REV: A
QW-BBR73
Comchip Technology CO., LTD.
Fig.1 - Maximum Forward Current
0
60
100
160
0
0.4
0.8
Ambient Temperature, (°C)
0.2
0.6
Fig.3 - Typical Instantaneous Forward
0.4
1.0
1.4
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10
1.2
0.8
0.6
Resistive or inductive load
1.6
Fig.4 - Typical Reverse Characteristics
20
40
60
0.01
1.0
100
Percent of Rated Peak Reverse Voltage, (%)
80
100
0
0.1
10
TJ=125°C
TJ=25°C
Fig.2 - Maximum Non-repetitive Forward
1
10
100
Number Of Cycle At 60Hz
0
20
10
30
40
20
40
80
120
140
Derating Curve
Surge Current Per Bridge Elelment
Characteristics Per Bridge Element
Per Bridge Element
Glass Passivated Bridge Rectifiers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com