Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S-G Datasheet(PDF) 3 Page - Comchip Technology

Part # MB10S-G
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MB10S-G Datasheet(HTML) 3 Page - Comchip Technology

  MB10S-G Datasheet HTML 1Page - Comchip Technology MB10S-G Datasheet HTML 2Page - Comchip Technology MB10S-G Datasheet HTML 3Page - Comchip Technology MB10S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QW-BBR73
Comchip Technology CO., LTD.
Reel Taping Specification
Page 3
REV: A
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
+
-
Glass Passivated Bridge Rectifiers
B
C
d
D
D2
D1
MBS
SYMBOL
(mm)
(inch)
2.953 ± 0.039
1.55 ± 0.05
75.00 ± 1.00
14.00 ± 0.50
330.00 ± 1.00
0.061 ± 0.002
12.992 ± 0.039
0.551 ± 0.020
5.00 ± 0.10
0.197 ± 0.004
7.24 ± 0.10
0.285 ± 0.004
2.95 0.10
±
0.116 ± 0.004
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
12.00 ± 0.30
18.4 ± 0.50
SYMBOL
(mm)
(inch)
0.472 0.012
±
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.724 ± 0.020
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.05
0.217 ± 0.002
MBS
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com