Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201GA-G Datasheet(PDF) 1 Page - Comchip Technology

Part # HER201GA-G
Description  High Efficiency Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER201GA-G Datasheet(HTML) 1 Page - Comchip Technology

  HER201GA-G Datasheet HTML 1Page - Comchip Technology HER201GA-G Datasheet HTML 2Page - Comchip Technology HER201GA-G Datasheet HTML 3Page - Comchip Technology HER201GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
@TA=25°C
Maximum instantaneous forward
voltage at
current
specified
Maximum
reverse current
DC
Operating temperature range
Storage temperature range
Maximum reverse recovery time (Note 1)
50
35
50
VRRM
VRMS
VDC
I(AV)
VF
IR
trr
TJ
TSTG
2.0
5.0
-55 ~ +150
-55 ~ +150
V
V
V
A
ns
°C
°C
Maximum repetitive peak reverse voltage
@IT = 5μA
NOTES:
1. R
test conditions: IF=0.5A, IR=1.0A, IRR=0.25A(RGI circuit)
everse recovery
Dimensions in inches and (millimeter)
DO-15
Features
-Glass passivated chip.
-High speed switching.
-Low forward voltage.
Mechanical data
-Case: JEDEC DO-15 molded plastic.
-Polarity: Color band denotes cathode end.
-Lead: Solderable per MIL-STD-202,
method 208 guaranteed.
-Mounting position: Any
-Weight: 0.402 grams
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
HER201G-G Thru. HER208G-G
0.300(7.63)
1.000(25.40) Min.
0.142(3.61) DIA.
0.033(0.84) DIA.
0.028(0.71) DIA.
0.102(2.60) DIA.
0.230(5.85)
1.000(25.40) Min.
1.0
1.7
50
75
-Epoxy: UL
retardant.
94V-0 rate flame
1000
700
1000
300
210
300
1.3
μA
V
-High reliability.
-High surge current capability.
Symbol
Unit
HER
201G-G
HER
202G-G
HER
203G-G
HER
204G-G
HER
205G-G
HER
206G-G
HER
207G-G
HER
208G-G
High Efficiency Rectifiers
Voltage: 50 to 1000 V
Current: 2.0 A
RoHS Device
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Page 1
QW-BU011
REV:A
Comchip Technology CO., LTD.


Similar Part No. - HER201GA-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201GA0 TSC-HER201GA0 Datasheet
379Kb / 4P
Glass Passivated High Efficient Rectifiers
HER201GA0G TSC-HER201GA0G Datasheet
379Kb / 4P
Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER201GA-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com