Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201GA-G Datasheet(PDF) 2 Page - Comchip Technology

Part # HER201GA-G
Description  High Efficiency Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER201GA-G Datasheet(HTML) 2 Page - Comchip Technology

  HER201GA-G Datasheet HTML 1Page - Comchip Technology HER201GA-G Datasheet HTML 2Page - Comchip Technology HER201GA-G Datasheet HTML 3Page - Comchip Technology HER201GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Rating and Characteristic Curves (HER201G-G Thru. HER208G-G)
Fig.3- Peak Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1- Forward Current Derating Curve
Ambient Temperature, (°C)
0
25
75
175
0
1.5
2.5
100
60
3.0
Fig.2- Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
10
0.01
1.0
100
125
1.0
2.0
50
150
0.5
10
10
50
0.4
0.8
1.0
1.6
0.2
1.2
0.6
Single phase half wave
Resistive or inductive load
40
single half-sine-wave
1.4
HER201G-G to HER204G-G
Pulse width 8.3 ms
20
30
Fig.4- Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
100
1
1
TJ = 25°C , f = 1MHz
HER201G-G to HER205G-G
HER206G-G to HER208G-G
HER205G-G
HER206G-G
TJ = 25°C
Pulse width = 300us
to
HER208G-G
High Efficiency Rectifiers
REV:A
Comchip Technology CO., LTD.
QW-BU011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com