Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1010G-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MP1010G-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1010G-G Datasheet(HTML) 1 Page - Comchip Technology

  MP1010G-G Datasheet HTML 1Page - Comchip Technology MP1010G-G Datasheet HTML 2Page - Comchip Technology MP1010G-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 1
REV:A
MP10005G-G Thru. MP1010G-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR67
Maximum Peak Recurrent
Voltage
Reverse
Maximum RMS Bridge Input Voltage
Maximum Average Forward Rectified
Output Current
@TA=50°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load
Operating Temperature Range
Storage Temperature Range
Reverse Voltage: 50 to 1000V
Forward Current: 10.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MP10005G
-G
50
35
VRRM
VRMS
I(AV)
IFSM
VF
TJ
TSTG
10.0
175
1.1
-55 to +150
-55 to +150
V
V
A
A
V
°C
°C
100
70
200
140
400
280
600
420
800
560
1000
700
Comchip Technology CO., LTD.
Features
Mechanical Data
Maximum Forward Voltage Drop
Per Bridge Element at 5.0A Peak
MP1001G
-G
MP1002G
-G
MP1004G
-G
MP1006G
-G
MP1008G
-G
MP1010G
-G
MP8
0.307(7.8)
0.267(6.8)
0.750(19.0)
MIN.
Metal Heat Sink
0.052(1.3)
0.048(1.2)
DIA.
0.770(19.6)
0.730(18.5)
0.520(13.2)
0.480(12.2)
0.770(19.6)
0.730(18.5)
0.520(13.2)
0.480(12.2)
Hole for NO.6 Screw
IR
10
1.0
μA
@ TJ=25°C
@ TJ=100°C
Maximum Reverse Current at
Rated DC Blocking Voltage
Per Element
mA
-Polarit:As marked on Body
-Mounting position:Any
-Weight: 7.33 grams
-Low forward voltage drop.
-Small size ; simple installation.
-Sliver plated copper leads
-Surge overload rating - 200 amperes peak.
-Materials used carries U/L recognition.
VDC
50
V
100
200
400
600
800
1000
Maximum DC Blocking Voltage


Similar Part No. - MP1010G-G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MP1010G GOOD-ARK-MP1010G Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
MP1010G WTE-MP1010G Datasheet
53Kb / 4P
10A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - MP1010G-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-G COMCHIP-ABS05-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com