Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1010G-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MP1010G-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1010G-G Datasheet(HTML) 2 Page - Comchip Technology

  MP1010G-G Datasheet HTML 1Page - Comchip Technology MP1010G-G Datasheet HTML 2Page - Comchip Technology MP1010G-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 2
REV: A
Rating and Characteristics Curves (MP10005G-G Thru. MP1010G-G)
QW-BBR67
Fig.1 - Derating Curve Output
Rectified Current
0
50
100
150
0
4.0
8.0
10.0
Ambient Temperature, (°C)
2.0
6.0
Fig.3 - Typical Forward Characteristics
0.7
1.1
0.8
1.0
1.3
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10
1.2
0.6
0.9
Comchip Technology CO., LTD.
Fig.4 - Typical Reverse Characteristics
20
40
60
80
0.01
1.0
10
Percent of Peak Reverse Voltage, (%)
100
120
140
0
0.1
Fig.2 - Maximum Forward Surge Current
1
10
100
Number Of Cycle At 60Hz
0
50
100
250
200
150
TJ =25°C
TJ=25°C
100
25
75
125
TJ=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com