Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161CIEP Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9161CIEP
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CIEP Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9161CIEP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
9
Final
Version: DM9161CIIII-DS-F01
February 22, 2012
5.2 Media Interface
Pin No.
Pin Name
I/O
Description
3,4
RX+
RX-
I/O Differential Receive Pair
Differential data is received from the media
7,8
TX+
TX-
I/O Differential Transmit Pair/PECL Transmit Pair
Differential data is transmitted to the media in TP mode
PECL data is transmitted to the media in Fiber mode
5.3 LED Interface
Pin No.
Pin Name
I/O
Description
11
LED0
/OP0
O,
LI
(U)
LED Driver output 0
OP0: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161CI according to the Table A. The value is latched into the
DM9161CI registers at power-up/reset
12
LED1
/OP1
O,
LI
(U)
LED Driver output 1
OP1: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of
the DM9161CI according to the Table A. The value is latched into the
DM9161CI registers at power-up/reset
13
LED2
/OP2
O,
LI
(U)
LED Driver output 2
OP2: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161CI according to the Table A. The value is latched into the
DM9161CI registers at power-up/reset
5.4 Mode
Pin No.
Pin Name
I/O
Description
10
PWRDWN
I
Power Down Control
Asserted high to force the DM9161CI into power down mode. When in
power down mode, most of the DM9161CI circuit block’s power is
turned off, only the MII management interface (MDC, MDIO) logic is
available (the PHY should respond to management transactions and
should not generate spurious signals on the MII)). To leave power down
mode, the DM9161CI needs the hardware or software reset with the
PWRDWN pin low
14
CABLESTS
/LINKSTS
O,
LI
(D)
Cable Status or Link Status
This pin is used to indicate the status of the cable connection when
power up reset latch low (Default)
0 = Without cable connection
1 = With cable connection
This pin is used to indicate the status of the Link connection when
power up reset latch high
0 = With link
1 = Without link
39
DISMDIX
I
(D)
HP Auto-MDIX Control
1: Disable auto mode
0: Enable HP Auto-MDIX mode
45
NC
-
Not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com