Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161CIEP Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9161CIEP
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CIEP Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9161CIEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
19
Final
Version: DM9161CI-DS-F01
February 22, 2012
The block diagram in figure 7-3 provides an overview of the
functional blocks contained in the transmit section.
The transmitter section contains the following functional
blocks:
- 4B5B Encoder
- Scrambler
- Parallel to Serial Converter
- NRZ to NRZI Encoder
- NRZI to MLT-3
- MLT-3 Driver
7.2.1.1 4B5B Encoder
The 4B5B encoder converts 4-bit (4B) nibble data
generated by the MAC Reconciliation Layer into a 5-bit (5B)
code group for transmission, see reference Table 7-1. This
conversion is required for control and packet data to be
combined in code groups. The 4B5B encoder substitutes
the first 8 bits of the MAC preamble with a J/K code group
pair (11000 10001) upon transmit. The 4B5B encoder
continues to replace subsequent 4B preamble and data
nibbles with corresponding 5B code-groups. At the end of
the transmit packet, upon the deassertion of the Transmit
Enable signal from the MAC Reconciliation layer, the 4B5B
encoder injects the T/R code group pair (01101 00111)
indicating end of frame. After the T/R code group pair, the
4B5B encoder continuously injects IDLEs into the transmit
data stream until Transmit Enable is asserted and the next
transmit packet is detected.
The DM9161CI includes a Bypass 4B5B conversion option
within the 100Base-TX Transmitter for support of
applications like 100 Mbps repeaters, which do not require
4B5B conversion.
7.2.1.2 Scrambler
The scrambler is required to control the radiated emissions
(EMI) by spreading the transmit energy across the
frequency spectrum at the media connector and on the
twisted pair cable in 100Base-TX operation.
By scrambling the data, the total energy presented to the
cable is randomly distributed over a wide frequency range.
Without the scrambler, energy levels on the cable could
peak beyond FCC limitations at frequencies related to
repeated 5B sequences like continuous transmission of
IDLE symbols. The scrambler output is combined with the
NRZ 5B data from the code group encoder via an XOR
logic function. The result is a scrambled data stream with
sufficient randomization to decrease radiated emissions at
critical frequencies.
7.2.1.3 Parallel to Serial Converter
The Parallel to Serial Converter receives parallel 5B
scrambled data from the scrambler and serializes it
(converts it from a parallel to a serial data stream).
The serialized data stream is then presented to the
NRZ to NRZI encoder block
7.2.1.4 NRZ to NRZI Encoder
Since the transmit data stream has been scrambled and
serialized, the data must be NRZI encoded for compatibility
with the TP-PMD standard for 100Base-TX transmission
over Category-5 unshielded twisted pair cable.
7.2.1.5 MLT-3 Converter
The MLT-3 conversion is accomplished by converting the
data stream output from the NRZI encoder into two binary
data streams with alternately phased logic one events.
7.2.1.6 MLT-3 Driver
The two binary data streams, created at the MLT-3
converter, are fed to the twisted pair output driver, which
converts these streams to current sources and alternately
drives either side of the transmit transformer’s primary
winding, resulting in a minimal current MLT-3 signal. Refer to
figure 7-4 for the block diagram of the MLT-3 converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com