Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBGC4P Datasheet(PDF) 5 Page - Dialight Corporation

Part # HBGC4P
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBGC4P Datasheet(HTML) 5 Page - Dialight Corporation

  HBGC4P Datasheet HTML 1Page - Dialight Corporation HBGC4P Datasheet HTML 2Page - Dialight Corporation HBGC4P Datasheet HTML 3Page - Dialight Corporation HBGC4P Datasheet HTML 4Page - Dialight Corporation HBGC4P Datasheet HTML 5Page - Dialight Corporation HBGC4P Datasheet HTML 6Page - Dialight Corporation HBGC4P Datasheet HTML 7Page - Dialight Corporation HBGC4P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.dialight.com
DuroSite® Series LED High Bay Fixture
Ordering Information
Notes for all versions:
1 Part numbers listed in the above table are cool white. For neutral white version replace the 4th character with N Ex: HB1C4N become HB1N4N.
2 Initial fixture lumens based on temperatures up to 113°F (45°C).
3 Units meet IP-66 when installed using conduit or an IP66 approved cable gland at the 3/4 NPT. Dialight offers IP-66 approved cable glands as part
of accessories HBXW2 and HBXCG.
Notes for standard versions only:
4 Part numbers listed in the table above are 100-277V AC. For 347-480V AC version replace the 5th character with a 5. EX: HB1C4N (100-277VAC)
becomes HB1C5N (347-480V AC). For 17,500lm, 347-480V AC versions replace 5th character becomes a T. EX: HBGCMP (100- 277V AC) becomes
HBGCTP (347-480V AC).
5 Part numbers listed in the tables above come with a flat lens. For models with polycarbonate flat lens they can be ordered with a polycarbonate
dome lens; replace 3rd character with a L Ex: HB2C4M becomes HBLC4M .
Part
Number1,4
Initial
Fixture
Lumens2
Wattage
Lumens
Per Watt
UL-1598A
IP-66, NEMA - 4X
CSA 22.2 #250
Marine Wet Locations3
Lens5
Optical Pattern
Clear
Diffused
Circular
Aisle
HBGCMP
17,500
172
101
Tempered Glass
HBGC4P
14,500
161
90
Tempered Glass
HB2C4P
12,000
153
78
Polycarbonate
HB0C4P
11,500
153
75
Polycarbonate
HB1C4N
11,500
146
79
Acrylic
HB6C4M
11,500
146
79
Acrylic
HB1C4J
11,000
146
76
Acrylic
HB2C4M
10,750
146
73
Polycarbonate
HB5C4M
10,750
146
74
Acrylic
HB5C4T
10,750
146
74
Acrylic
HB2C4K
10,500
146
73
Polycarbonate
HB7C4M
10,500
146
72
Polycarbonate
HB5C4J
10,500
137
77
Acrylic
HB1C4S
10,500
137
77
Acrylic
HB3C4L
9,000
124
72
Acrylic
HBWC4L
8,750
135
65
Polycarbonate
HB4C4L
8,500
124
69
Polycarbonate
Occupancy Sensor High Bays
HBGCQZ
17,500
172
101
Tempered Glass
HBGC1T
14,500
161
90
Tempered Glass
HB1C4T
11,500
146
79
Acrylic
HB6C4T
11,500
146
78
Acrylic
HB1C4S
11,000
146
76
Acrylic
HB5C4S
10,500
137
77
Acrylic
HB2C4T
10,500
146
73
Polycarbonate
HB7C1T
10,250
146
72
Polycarbonate
HB3C4R
9,000
124
72
Acrylic
Variable Dimming High Bays
HBGCMZ
17,500
172
101
Tempered Glass
HBGC4Z
14,500
161
90
Tempered Glass
HB1C4Y
11,500
146
79
Acrylic
HB6C4Y
11,500
146
78
Acrylic
HB5C4Y
10,750
146
74
Acrylic
HB7C4Y
10,500
146
72
Polycarbonate
HB2C4Y
10,250
146
70
Polycarbonate
HB2C4X
10,000
137
73
Polycarbonate
HB3C4W
9,000
124
72
Acrylic
HB4C4W
8,500
124
69
Polycarbonate
STEP Dimming / Occupancy Sensor High Bay
HBGCQQ
17,500
172
101
Tempered Glass
HBGC1Q
14,500
161
90
Tempered Glass
HB1C4H
11,500
146
79
Acrylic
Variable Dimming / Occupancy Sensor High Bay
HB2C1H
10,250
146
70
Polycarbonate



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com