Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBGC4P Datasheet(PDF) 2 Page - Dialight Corporation

Part # HBGC4P
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBGC4P Datasheet(HTML) 2 Page - Dialight Corporation

  HBGC4P Datasheet HTML 1Page - Dialight Corporation HBGC4P Datasheet HTML 2Page - Dialight Corporation HBGC4P Datasheet HTML 3Page - Dialight Corporation HBGC4P Datasheet HTML 4Page - Dialight Corporation HBGC4P Datasheet HTML 5Page - Dialight Corporation HBGC4P Datasheet HTML 6Page - Dialight Corporation HBGC4P Datasheet HTML 7Page - Dialight Corporation HBGC4P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.dialight.com
DuroSite
® Series LED High Bay
Features & Benefits
L70 rated for >100,000
hours @ 25°C ambient
5 year full performance
warranty
Up to 101lm/W
Significant energy savings
Instant on/off
Maintenance free
Mercury free
No UV or IR
Produces minimal heat
compared to traditional
fixtures
Reflector based optics for
precise light control
Resistant to shock and
vibration
Temperature compensation
technology for long life
Copper free aluminum
Typical payback < 2 years
Typical Applications
Food and Beverage
Heavy Industrial
Manufacturing
Pulp and Paper
Fuel Pump Canopy
Cold Storage
Warehouse
MMD Shipping
Cold Storage Facility
Rockline Industries
Manufacturing Facility
MedSafe
Warehouse Facility
View the full case studies at:
G.S. Dunn Limited - www.dialight.com/news/details/gsdunn_case_study
Rockline Industries - www.dialight.com/news/details/rockline_case_study
MedSafe - www.dialight.com/news/details/medsafe_case_study
Kuehne + Nagel - www.dialight.com/news/details/kuehne_nagel_case_study
MMD Shipping - www.dialight.com/news/details/mmd_shipping
Significantly smaller than
traditional High Bay fixtures
Complete your own Return on Investment calculation at: www.dialight.com/tcoCalculator/Durosite_HighBay



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com