Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1182Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1182Q
Description  32V PNP SURFACE MOUNT TRANSISTOR IN TO252
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1182Q Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1182Q Datasheet HTML 1Page - Diodes Incorporated 2DB1182Q Datasheet HTML 2Page - Diodes Incorporated 2DB1182Q Datasheet HTML 3Page - Diodes Incorporated 2DB1182Q Datasheet HTML 4Page - Diodes Incorporated 2DB1182Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2DB1182Q
Document number: DS35651 Rev. 1 - 2
1 of 5
www.diodes.com
November 2011
© Diodes Incorporated
2DB1182Q
32V PNP SURFACE MOUNT TRANSISTOR IN TO252
Features
•
Epitaxial Planar Die Construction
•
Low Collector-Emitter Saturation Voltage
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: TO252
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish — Matte Tin, Solderable per MIL-STD-202,
Method 208
•
Weight: 0.34 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DB1182Q-13
2DB1182Q
13
16
2,500
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
2DB1182Q = Product Type Marking Code
= Manufacturers’ code marking
YYWW = Date Code Marking
YY = Last Digit of Year, (ex: 08 = 2008)
WW = Week Code (01 - 53)
Top View
Device Schematic
Pin Out Configuration
Top view
TO252
C
E
B
YYWW
2DB1182Q


Similar Part No. - 2DB1182Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2DB1182Q ISC-2DB1182Q Datasheet
277Kb / 2P
isc Silicon PNP Power Transistor
logo
Diodes Incorporated
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
More results

Similar Description - 2DB1182Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1132P DIODES-2DB1132P_11 Datasheet
161Kb / 6P
32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
Rev 5
2DB1184Q DIODES-2DB1184Q_11 Datasheet
157Kb / 6P
50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
Rev 4
2DB1188P DIODES-2DB1188P_11 Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
2DB1184Q DIODES-2DB1184Q_15 Datasheet
348Kb / 6P
50V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 5
2DB1188P DIODES-2DB1188P_15 Datasheet
287Kb / 7P
32V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
2DD1664P DIODES-2DD1664P_15 Datasheet
220Kb / 6P
32V NPN SUFACE MOUNT TRANSISTOR IN SOT89
Rev 5
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32CQ DIODES-MJD32CQ Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com