Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1184Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 2DB1184Q
Description  50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1184Q Datasheet(HTML) 5 Page - Diodes Incorporated

  2DB1184Q Datasheet HTML 1Page - Diodes Incorporated 2DB1184Q Datasheet HTML 2Page - Diodes Incorporated 2DB1184Q Datasheet HTML 3Page - Diodes Incorporated 2DB1184Q Datasheet HTML 4Page - Diodes Incorporated 2DB1184Q Datasheet HTML 5Page - Diodes Incorporated 2DB1184Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2DB1184Q
Document number: DS31504 Rev. 4 - 2
5 of 6
www.diodes.com
June 2011
© Diodes Incorporated
2DB1184Q
Package Outline Dimensions
Suggested Pad Layout
TO252-3L
Dim
Min
Typ
Max
A
2.19
2.29
2.39
A1
0.97
1.07
1.17
b
0.64
0.76
0.88
b2
0.76
0.95
1.14
b3
5.21
5.33
5.50
C2
0.45
0.51
0.58
D
6.00
6.10
6.20
E
6.45
6.58
6.70
e
2.286 Typ.
H
9.40
9.91
10.41
L
1.40
1.59
1.78
L3
0.88
1.08
1.27
L4
0.64
0.83
1.02
a
0°
-
10°
All Dimensions in mm
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
E
b2
SEATING
PLANE
L
A
C2
L4
b3
D
e
A1
L3
H
b
a
X2
C
Z
X1
Y1
E1
Y2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com