Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1184Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DB1184Q
Description  50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1184Q Datasheet(HTML) 4 Page - Diodes Incorporated

  2DB1184Q Datasheet HTML 1Page - Diodes Incorporated 2DB1184Q Datasheet HTML 2Page - Diodes Incorporated 2DB1184Q Datasheet HTML 3Page - Diodes Incorporated 2DB1184Q Datasheet HTML 4Page - Diodes Incorporated 2DB1184Q Datasheet HTML 5Page - Diodes Incorporated 2DB1184Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2DB1184Q
Document number: DS31504 Rev. 4 - 2
4 of 6
www.diodes.com
June 2011
© Diodes Incorporated
2DB1184Q
0
20
40
60
80
100
120
140
0
10
2030
40
50
6070
8090 100
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
CE
f = 30MHz
0.01
0.1
1
10
0.1
1
10
100
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 8 Safe Operating Area (Note 3)
T = 25°C
Single Non-repetitive Pulse
A
DC (mA)
Pw = 100ms (mA)
Pw = 10ms (mA)
Pw = 1ms (mA)
Pw = 100µs (mA)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
Fig. 9 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 110°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com