Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188R Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 2DB1188R
Description  40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188R Datasheet(HTML) 5 Page - Diodes Incorporated

  2DB1188R Datasheet HTML 1Page - Diodes Incorporated 2DB1188R Datasheet HTML 2Page - Diodes Incorporated 2DB1188R Datasheet HTML 3Page - Diodes Incorporated 2DB1188R Datasheet HTML 4Page - Diodes Incorporated 2DB1188R Datasheet HTML 5Page - Diodes Incorporated 2DB1188R Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2DB1188P/Q/R
Document number: DS31144 Rev. 5 - 2
5 of 6
www.diodes.com
November 2011
© Diodes Incorporated
2DB1188P/Q/R
0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 6 Typical Output Capacitance Characteristics
0
10
20
30
40
50
60
f = 1MHz
0
20
40
60
80
100
120
140
010
20
30
40
50
60
70
80
90 100
I , Emitter Current (mA)
E
Fig. 7 Typical Gain-Bandwidth Product vs. Emitter Current
Package Outline Dimensions
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.43
D
4.40
4.60
D1
1.52
1.83
E
2.29
2.60
e
1.50 Typ
e1
3.00 Typ
H
3.94
4.25
L
0.89
1.20
All Dimensions in mm
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
e1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com