Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188R Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1188R
Description  40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188R Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1188R Datasheet HTML 1Page - Diodes Incorporated 2DB1188R Datasheet HTML 2Page - Diodes Incorporated 2DB1188R Datasheet HTML 3Page - Diodes Incorporated 2DB1188R Datasheet HTML 4Page - Diodes Incorporated 2DB1188R Datasheet HTML 5Page - Diodes Incorporated 2DB1188R Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2DB1188P/Q/R
Document number: DS31144 Rev. 5 - 2
1 of 6
www.diodes.com
November 2011
© Diodes Incorporated
2DB1188P/Q/R
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Features
•
Epitaxial Planar Die Construction
•
Low Collector-Emitter Saturation Voltage
•
Complementary NPN Type Available (2DD1766)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT89
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish — Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Weight: 0.052 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DB1188P-13
P23P
13
12
2,500
2DB1188Q-13
P23Q
13
12
2,500
2DB1188R-13
P23R
13
12
2,500
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
P23x = Product Type Marking Code
Where
P23P = 2DB1188P
P23Q = 2DB1188Q
P23R = 2DB1188R
= Manufacturers’ code marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 1 = 2011)
WW = Week Code (01 – 53)
Top View
Device Schematic
Pin Out - Top view
SOT89
C
E
B


Similar Part No. - 2DB1188R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1188R-13 DIODES-2DB1188R-13 Datasheet
235Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31144 Rev. 4 - 2
2DB1188R-13 DIODES-2DB1188R-13 Datasheet
287Kb / 7P
32V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
More results

Similar Description - 2DB1188R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
DST3906DJ DIODES-DST3906DJ Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
DS32039 Rev. 2 - 2
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
DST3906DJ DIODES-DST3906DJ_15 Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
Rev 2
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Rev 11
DXT2222A DIODES-DXT2222A_15 Datasheet
357Kb / 6P
40V NPN SURFACE MOUNT TRANSISTOR IN SOT89
Rev 4
DXT3904 DIODES-DXT3904_15 Datasheet
392Kb / 6P
40V NPN SMALL SIGNAL TRANSISTOR IN SOT89
Rev 4
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com