Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST3906DJ Datasheet (PDF) - Diodes Incorporated

DST3906DJ Datasheet PDF - Diodes Incorporated
Part # DST3906DJ
Download  DST3906DJ Download
File Size   134.13 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP SURFACE MOUNT TRANSISTOR

DST3906DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DST3906DJ Datasheet PDF - Diodes Incorporated

Part # DST3906DJ
Download  DST3906DJ Click to download

File Size   134.13 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP SURFACE MOUNT TRANSISTOR

DST3906DJ Datasheet (HTML) - Diodes Incorporated


DST3906DJ Product details

Features
• VCEO = -40V
• IC = -200mA
• Epitaxial Planar Die Construction
• Ideally Suited for Automated Assembly Processes
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Ultra Small Package




Similar Part No. - DST3906DJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST3906DJ DIODES-DST3906DJ_15 Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results


Similar Description - DST3906DJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
2DA1774QLP DIODES-2DA1774QLP Datasheet
103Kb / 4P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31438 Rev. 4 - 2
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31821 Rev. 2 - 2
DSS5540X DIODES-DSS5540X Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31653 Rev. 2 - 2
MMBT3906LP DIODES-MMBT3906LP Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
2DB1188P DIODES-2DB1188P_11 Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 2
DST3906DJ DIODES-DST3906DJ_15 Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com