Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12FDR10A Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 12FDR10A
Description  Fast Recovery Diodes (Stud Version), 12A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FDR10A Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  12FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
• The table above shows the increment of thermal resistance R
when devices
thJC
Note
operate at different conduction angles than DC
12FD(R)Series
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180˚
120˚
60˚
30˚
0.46
0.48
1.02
1.76
0.26
0.46
1.02
1.76
T = 150°C
J
12FD(R)
Page 3 of 6
www.nellsemi.com
ORDERING INFORMATION SCHEME
Diode type
Current
Polarity
12 = 12A
06 = 600V
08 = 800V
12 FD R
06
A
Trr value
10 = 1000V
R = Reverse
None = standard
Voltage
FD = Fast Recovery Diode
A = 200 ns Max.
B = 500 ns Max.
12 = 1200V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com