Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12FDR10A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 12FDR10A
Description  Fast Recovery Diodes (Stud Version), 12A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FDR10A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  12FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
12FD(R)
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave DC
IF(RMS)
Maximum RMS forward current
(1)
12
A
100
ºC
19
Maximum peak, one-cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial TJ = 150°C
170
180
145
(1)
150
145
134
105
93
2
A s
A
A
1452
t = 0.1 to 10 ms, no voltage reapplied
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
2
A √s
Maximum on-state voltage
VFM
T = 25°C;
J
l = 12 A
F
(1)
1.4
RECOVERY CHARACTERISTICS
ns
200
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
V
trr
Page 2 of 6
12FD(R)Series
TC
T = 100°C;
C
l
= 38 A
FM
(1)
1.5
IFM
dt
trr
dir
t
Qrr
IRM(REC)
02 to 06
08 to 12
12FD(R)
500
200
500
THERMAL AND MECHANICAL SPECIFCATIONS
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
Maximum junction operating
temperature range
- 65 to150
ºC
0.5
K/W
Maximum thermal resistance,
junction to case
Maximum thermal resistance
case to heatsink
2.0
(13)
(10)
7
0.25
(lbf · in)
N · m
Allowable mounting torque
Approximate weight
Case style
DO-203AA (DO-4)
TJ
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Not-lubricated threads
Lubricated threads
Mounting surface, smooth, flat and greased
DC operation
JEDEC
1.5
+0
-10%
1.2
+0
-10%
Maximum storage temperature range
Tstg
- 65 to175
www.nellsemi.com
(1) JEDEC registered values
Note
Maximum reverse recovery time
I =1A, I = 0.5A, I
= 0.25A
F
R
RR
(RG#1 CKT)
T = 25°C,dl /dt = 25 A/µs,
J
F
l
= π x rated l
FM
F(AV)
12FD(R)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com