Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40FDR10A Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 40FDR10A
Description  Fast Recovery Diodes (Stud Version), 40A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40FDR10A Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  40FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 4 of 6
www.nellsemi.com
70
50
60
30
40
10
0
20
Fig.2 Current rating nomogram (Sinusoidal Waveforms)
Average forward current (A)
Maximum allowable ambient temperature (°C)
0
5
10
15
20
25
30
35
40 10 20 30 40 50 60 70 80 90 100
1.0
-
R
1.5
-
R
2.0
-
R
3-
R
4- R
5- R
Conduction Angle
RMS Limit
90°
60°
120°
ø = 180°
40 FD( R) Se ries
T = 125°C
J
120°
60°
180°
30°
0.15
0.31
0.14
0.52
90°
0.20
dlF
dt
lF
lFM
lF
1/4 lRM(REC)
lRM(REC)
QRR
t
trr
l ,l
= Peak forward current prior to commutation
F FM
d
/d = Rate of fall of forward current
lF
t
l
= Peak reverse recovery current
RM(REC)
t
= Reverse recovery time
rr
Q
= Reverse recovered charge
RR
Fig.1 Reverse recovery time test waveform
10 20 30 40
70
50
80
100
90
60
70
50
60
30
40
10
0
20
80
90
100
70
50
60
30
40
10
0
20
40FD(R)Series
T = 125°C
J
ø
Conduction Angle
Fig. 3 Current rating nomogram (Rectangular waveforms)
Average forward current (A)
Maximum allowable ambient temperature (°C)
120°
180°
ø = DC
60°
RMS Limit
R
= 0
.3
-
R
K
/W
th
S
A
0.5
-
R
0.7
-
R
1.0
-
R
1.5
-
R
2. 0-
R
3- R
4- R
180°
120°
DC
60°
0.08
0.14
0
030
30°
40FD(R)Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com