Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40FDR10A Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 40FDR10A
Description  Fast Recovery Diodes (Stud Version), 40A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40FDR10A Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  40FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Low stored charge
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
Fast Recovery Diodes
Nell High Power Products
Excellent surge capabilities
(Stud Version), 40A
DO-203AB(DO-5)
PRODUCT SUMMARY
IF(AV)
40A
Short reverse recovery time
Available
RoHS*
COMPLIANT
Stud cathode and stud anode versions
Voltage up to 1200 VRRM
Compliant to RoHS
DC power supplies
lnverters
Converters
40FD(R)Series
Choppers
Ultrasonic systems
Freewheeling diodes
www.nellsemi.com
MAJOR RATINGS AND CHARACTERISTICS
UNIT
V
IFSM
IF(AV)
2
I
t
2
A s
A
CHARACTERISTICS
Maximum TC
ns
A
200 to 1200
50 HZ
60 HZ
50 HZ
60 HZ
Range
ºC
-40 to 125
SYMBOL
2
I √t
VRRM
trr
TJ
Range
See Recovery Characteristics table
2
I √t
2
I √s
40FD(R)
40
85
475
500
1128
1038
11281
ºC
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REVERSE VOLTAGE
T = -40°C TO 125°C
J
08
10
02
04
200
400
600
800
06
1000
PEAK REPETITIVE
12
1200
40FD(R)
VRSM, MAXIMUM PEAK
REVERSE VOLTAGE
T = 25°C TO 125°C
J
CURRENT AT RATED VRRM
T = 125°C
J
mA
300
500
700
900
10
1100
1300
NON-REPETITIVE
IFM, MAXIMUM PEAK REVERSE
T = 25°C
J
0.1
V
V


Similar Part No. - 40FDR10A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40FDR10 NELLSEMI-40FDR10 Datasheet
617Kb / 6P
Fast Recovery Diodes
More results

Similar Description - 40FDR10A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD203N IRF-SD203N Datasheet
122Kb / 9P
FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
FAST RECOVERY DIODES Stud Version
SD253N IRF-SD253N Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
40NSF NAINA-40NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
Fast Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com