Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85FDR10A Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 85FDR10A
Description  Fast Recovery Diodes (Stud Version), 85A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85FDR10A Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  85FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig .7 Typical recovered charge vs.
rate of fall of forward current.
85FD(R), 200 to 600V
T
=
12
C
J
10
3
10
4
10
1
2
10
1
4
10
40
100
Rate of fall of forward current (A/µs)
Page 5 of 6
www.nellsemi.com
Fig.5 Average forward current vs. maximum
allowable case temperature.
60
70
80
90
100
110
40
50
125
0
20
80
40
100
60
140
Average forward current (A)
1
Fig .6 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
400
2
10
10
40
4
10
40
100
85FD(R), 200 to 600V
4
10
T = 25°C
J
l = 265A
F
l = 50A
F
l = 1A
F
T = 125°C
J
l = 265A
F
l = 50A
F
l = 1A
F
l = 265A
F
l = 50A
F
l = 1A
F
1
Fig .8 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
5000
1000
100
200
300
400
4
10
40
100
85FD(R), 800 to 1200V
4000
T = 25°C
J
l = 265A
F
l = 50A
F
l = 1A
F
T = 125°C
J
l = 265A
F
l = 50A
F
l = 1A
F
Fig .9 Typical recovered charge vs.
rate of fall of forward current.
85FD(R), 800 to 1200V
T
=
25
°C
J
T
=
12
C
J
2
10
4
10
5
10
3
10
1
4
10
40
100
Rate of fall of forward current (A/µs)
10
l = 265A
F
l = 50A
F
l = 1A
F
85FD(R)Series
120
120°
ø =180°
90°
60°
30°
ø =180°
60°
30°
120°
DC
85FD(R)Series
T
=
25
°C
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com