Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85FDR10A Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 85FDR10A
Description  Fast Recovery Diodes (Stud Version), 85A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85FDR10A Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  85FDR10A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85FDR10A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Low stored charge
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
Fast Recovery Diodes
Nell High Power Products
Excellent surge capabilities
(Stud Version), 85A
DO-203AB(DO-5)
PRODUCT SUMMARY
IF(AV)
85A
Short reverse recovery time
Available
RoHS*
COMPLIANT
Stud cathode and stud anode versions
Voltage up to 1200 VRRM
Compliant to RoHS directive 2002/95/EC
DC power supplies
lnverters
Converters
85FD(R)Series
Choppers
Ultrasonic systems
Freewheeling diodes
www.nellsemi.com
MAJOR RATINGS AND CHARACTERISTICS
UNIT
V
IFSM
IF(AV)
2
I
t
2
A s
A
CHARACTERISTICS
Maximum TC
ns
A
200 to 1200
50 HZ
60 HZ
50 HZ
60 HZ
Range
ºC
-40 to 125
SYMBOL
2
I √t
VRRM
trr
TJ
Range
See Recovery Characteristics table
2
I √t
2
I √s
85FD(R)
85
85
1308
1369
8554
7778
85543
ºC
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REVERSE VOLTAGE
T = -40°C TO 125°C
J
08
10
02
04
200
400
600
800
06
1000
PEAK REPETITIVE
12
1200
85FD(R)
VRSM, MAXIMUM PEAK
REVERSE VOLTAGE
T = 25°C TO 125°C
J
CURRENT AT RATED VRRM
T = 125°C
J
mA
300
500
700
900
20
1100
1300
NON-REPETITIVE
IFM, MAXIMUM PEAK REVERSE
T = 25°C
J
0.1
V
V


Similar Part No. - 85FDR10A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
85FDR10 NELLSEMI-85FDR10 Datasheet
647Kb / 6P
Fast Recovery Diodes
More results

Similar Description - 85FDR10A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
FAST RECOVERY DIODES Stud Version
SD253N IRF-SD253N Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
40NSF NAINA-40NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
logo
Nell Semiconductor Co.,...
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 85A
logo
Naina Semiconductor ltd...
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
Fast Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com