Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70FDR10B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 70FDR10B
Description  Fast Recovery Diodes (Stud Version), 70A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

70FDR10B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  70FDR10B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 3 of 6
THERMAL AND MECHANICAL SPECIFCATIONS
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
Maximum junction operating
temperature range
-40 to125
ºC
0.25
K/W
Maximum thermal resistance,
junction to case
Maximum thermal resistance,
case to heatsink
0.36
25
0.88
(lbf · in)
N · m
Maximum allowable mounting torque
Approximate weight
Case style
DO-203AB (DO-5)
TJ
RthJC
RthCS
g
oz.
Not lubricated threads, tighting on nut(1)
Mounting surface, smooth, flat and greased
DC operation
JEDEC
Maximum storage temperature range
Tstg
- 40 to150
www.nellsemi.com
(1)
Note :
Recommended for pass-through holes
70FD(R)
(1)
Lubricated thread, tighting on nut
Not lubricated threads, tighting on hexagon(2)
Lubricated thread, tighting on
(2)
hexagon
3.4(30)
2.3(20)
4.2(37)
3.2(28)
(2) Recommended for holed threaded heatsinks
• The table above shows the increment of thermal resistance R
when devices
thJC
Note
operate at different conduction angles than DC
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180˚
120˚
60˚
30˚
0.29
0.31
0.65
1.11
0.15
0.29
0.65
1.10
T = 150°C
J
70FD(R)
ORDERING INFORMATION SCHEME
Diode type
Current
Polarity
70 = 70A
06 = 600V
08 = 800V
70 FD R
06
A
Trr value
10 = 1000V
R = Reverse, Anode on Stud
None = standard, Cathode on Stud
Voltage
FD = Fast Recovery Diode
A = 200 ns Max.
B = 500 ns Max.
12 = 1200V
(+0%, -10%)
70FD(R)Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com