Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70FDR10B Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 70FDR10B
Description  Fast Recovery Diodes (Stud Version), 70A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

70FDR10B Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  70FDR10B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 70FDR10B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 6 of 6
www.nellsemi.com
19(0.75)
1/4” 28UNF-2A
For metric devices: M6×1.0
(0.24/0.26)
Ø15(Ø0.6)
6.1/6.7
Ø4.3(Ø01.7)
(0.03/0.06)
0.9/1.5
DO-203AB (DO-5)
70FD(R)Series
70FD(R)..
70FD..
AII dimensions in millimeters (inches)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com