Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC25 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBPC25
Description  Single-Phase Bridge Rectifier, 25A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC25 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBPC25 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC25 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC25 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: KBPC, KBPC-W
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads,solderable per J-STD-002 and
Polarity: As marked
Weight: 14g (0.49 ozs)
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Single-Phase Bridge Rectifier, 25A
Nell High Power Products
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
KBPC25
KBPC2506 Thru KBPC2512
JESD22-B102. Suffix letter “W” added to
1.135 (28.8)
1.115 (28.3)
0.042 (1.07)
0.038 (0.97)
DIA.
0.445 (11.3)
0.421 (10.7)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
KBPC-W
1.122 (28.5)
1.10 (28)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.122 (28.5)
1.10 (28)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.445 (11.3)
0.421 (10.7)
KBPC
0.034 (0.86)
0.030 (0.76)
indicate wire leads(e.g. KBPC2506W).
0.732 (18.6)
0.692 (17.6)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
All dimensions in inches (millimeters)
www.nellsemi.com
~
~
+
-


Similar Part No. - KBPC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC25 ETC1-KBPC25 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Won-Top Electronics
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC25 ETC2-KBPC25 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC25 YANGJIE-KBPC25 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBPC25

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
25A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 25A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com